PART |
Description |
Maker |
MC145026 MC145027 MC145028 |
MC145026/27/28 Data Sheet: Encoder and Decoder Pairs Encoder and Decoder Pair
|
Freescale (Motorola)
|
HI-15530PST HI-15530 HI-15530CDI HI-15530CDM HI-15 |
Manchester Encoder / Decoder DATACOM, MANCHESTER ENCODER/DECODER, PDSO24 Manchester Encoder / Decoder DATACOM, MANCHESTER ENCODER/DECODER, CDIP24
|
Holt Integrated Circuits, Inc. HOLTIC[Holt Integrated Circuits]
|
3D7523D-20 3D7523D-10 |
MONOLITHIC MANCHESTER ENCODER/DECODER DATACOM, MANCHESTER ENCODER/DECODER, PDSO14
|
Data Delay Devices, Inc.
|
MTD214 |
Ethernet encoder/decoder and 10 baseT transceiver Ethernet Encoder/Decoder and 10BaseT Transceiver with Built-in Waveform Shaper
|
MYSON TECHNOLOGY Electronic Theatre Controls, Inc.
|
HD1-15531B HD1-15531B_883 HD-15531_883 FN2962 HD1- |
From old datasheet system CMOS Manchester Encoder-Decoder 3 dB 90 Card Couplers Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes DATACOM, MANCHESTER ENCODER/DECODER, CDIP40
|
INTERSIL[Intersil Corporation] Hirose Electric Intersil, Corp.
|
HFBR-53A3VFM HFBR-53A3VEM |
HFBR-53A3VFM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFBR-53A3VEM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
|
Agilent (Hewlett-Packard)
|
SC16C654BIB64 SC16C654DBIB64 SC16C654BIA68 SC16C65 |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT778-3 (HVQFN48); Container: Reel Dry Pack, SMD, 13",Turned 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC48 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC68 5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder; Package: SOT414-1 (LQFP64); Container: Reel Pack, SMD, 13", Turned 4 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP64
|
NXP Semiconductors N.V.
|
HDMP-1512 HDMP-1514 |
Fibre Channel Transmitter Chipset(光纤通道传送芯 Fibre Channel Receiver Chipset(光纤通道接收芯片)
|
Agilent(Hewlett-Packard)
|
HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-55 |
HEDL-5561#J06 · Encoder Line Drivers HEDS-5540#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5140#A02 · Two and Three Channel Codewheels HEDS-5505#A04 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5505#B04 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5600#A06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5500#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5605#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5600#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5120#A01 · Two and Three Channel Codewheels HEDM-5120#B02 · Two and Three Channel Codewheels HEDM-5500#B01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-8910#001 · Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series Quick Assembly Two and Three Channel Optical Encoders
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HDMP-0421 |
1.0625-1.25 GBd单端口旁路电路wirh的CDR的光纤通道/存储和千兆以太网的应 Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions(应用于光纤通道和判优环路及其扩展的端口旁路电路) HDMP-0421 · 1.0625-1.25 GBd Single Port Bypass Circuit wirh CDR for Fibre Channel/Storage and GbE Applications
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
HFBR-5301 HFBR-5302 |
Fibre Channel 133 MBd and Fibre Channel 133 MBd and Cost 1x9 Package Style
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|